Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 112 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 112 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 108Page - Omron Electronics LLC F3SG-R Datasheet HTML 109Page - Omron Electronics LLC F3SG-R Datasheet HTML 110Page - Omron Electronics LLC F3SG-R Datasheet HTML 111Page - Omron Electronics LLC F3SG-R Datasheet HTML 112Page - Omron Electronics LLC F3SG-R Datasheet HTML 113Page - Omron Electronics LLC F3SG-R Datasheet HTML 114Page - Omron Electronics LLC F3SG-R Datasheet HTML 115Page - Omron Electronics LLC F3SG-R Datasheet HTML 116Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 164 page
background image
F3SG-RA-01TS
112
Mounted with Standard Adjustable Brackets (F39-LGA)
Backside Mounting
*1. The number of brackets required to mount either one of emitter and receiver.
*2. Mounting an emitter or receiver with one bracket is possible for the models of protective height of 0185 or 0265. In this case, locate this bracket
at half the Dimension A (or at the center of the sensor length).
35
48.6
35
9.2
24.85
24.85
Standard
Adjustable
Bracket
(F39-LGA)
Standard
Adjustable
Bracket
(F39-LGA)
2-M5 or M6
2-M5 or M6
< Screw: M5 or M6 >
F3SG-4RA-25-01TS Series
Dimension A
C+23
Dimension C
4-digit number of the type name
(Protective height)
Dimension D
C-45
Dimension P
20
Protective height
(C)
Number of Standard
Adjustable Brackets *1
Dimension F
0185 to 1225
2 *2
1000 mm max.
1305 to 1945
3
1000 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com