Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 127 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 127 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 123Page - Omron Electronics LLC F3SG-R Datasheet HTML 124Page - Omron Electronics LLC F3SG-R Datasheet HTML 125Page - Omron Electronics LLC F3SG-R Datasheet HTML 126Page - Omron Electronics LLC F3SG-R Datasheet HTML 127Page - Omron Electronics LLC F3SG-R Datasheet HTML 128Page - Omron Electronics LLC F3SG-R Datasheet HTML 129Page - Omron Electronics LLC F3SG-R Datasheet HTML 130Page - Omron Electronics LLC F3SG-R Datasheet HTML 131Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 164 page
background image
F3SG-RA-02TS
127
Bluetooth Communication Unit
* It depends on use environment conditions.
Connec-
tions
Power cable
Type of Connection
M12 connectors: 8-pin emitter and receiver. Cables prewired to the sensors.
IP67 and IP67G (JIS C 0920 Annex 1) * rated when mated.
* F3SG-RA-25-02TS meets the degree of protection when it is correctly connected with
an F39-JD
@@RA-@ Oil-Resistant extension cable.
Number of Wires
Emitter: 5, Receiver: 8
Cable Length
0.3 m
Cable Diameter
6 mm
Minimum Bending
Radius
R36 mm
Cascading cable
Type of Connection M12 connectors: 8-pin emitter and receiver. IP67 rated when mated.
Number of Wires
Emitter: 5, Receiver: 8
Cable Length
0.3 m
Cable Diameter
6 mm
Minimum Bending
Radius
R5 mm
F39-JD
@RA-@
Oil-Resistant cable
- Single-Ended
Cable
Type of Connection
M12 connectors: 8-pin emitter and receiver. Cables prewired to the sensors.
IP67 and IP67G (JIS C 0920 Annex 1)* rated when mated.
* F3SG-RA-25-02TS meets the degree of protection when it is correctly connected with the power cable.
The degree of protection is not satisfied with the part where cable wires are uncovered.
Number of Wires
Emitter: 5, Receiver: 8
Cable Length
Refer to page 122.
Cable Diameter
6 mm
Minimum Bending
Radius
R36 mm
Extension cable
- Single-Ended
Cable (F39-JD
@A)
- Double-Ended
Cable (F39-JD
@B)
Type of Connection M12 connectors: 8-pin emitter and receiver. IP67 rated when mated.
Number of Wires
Emitter: 8, Receiver: 8
Cable Length
Refer to page 122 and 123.
Cable Diameter
6.6 mm
Minimum Bending
Radius
R36 mm
Extension of Power Cable
100 m max. (Emitter/Receiver)
Material
Material
Housing: Aluminum alloy
Cap: PBT resin
Front window: Acrylic resin
Cable: Fluororesin
FE plate: Stainless steel
Weight
Refer to page 128 .
Included Accessories
Safety Precautions, Quick Installation Manual, Troubleshooting Guide Sticker,
End Cap (for switching External Test Input function)
Conformity
Conforming standards
Refer to page 129.
Performance Level (PL)/Safety category
PL e/Category 4 (EN ISO 13849-1:2015)
PFHD
1.1 × 10-8 (IEC 61508)
Proof test interval TM
Every 20 years (IEC 61508)
SFF
99% (IEC 61508)
HFT
1 (IEC 61508)
Classification
Type B (IEC 61508-2)
Communication System
Bluetooth Version 3.0
Communication Profile
SPP (Serial Port Profile)
Transmission Distance
Approx. 10 m max. (Output power: Class 2) *
F3SG-4RA-25-02TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com