Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 159 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 159 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 155Page - Omron Electronics LLC F3SG-R Datasheet HTML 156Page - Omron Electronics LLC F3SG-R Datasheet HTML 157Page - Omron Electronics LLC F3SG-R Datasheet HTML 158Page - Omron Electronics LLC F3SG-R Datasheet HTML 159Page - Omron Electronics LLC F3SG-R Datasheet HTML 160Page - Omron Electronics LLC F3SG-R Datasheet HTML 161Page - Omron Electronics LLC F3SG-R Datasheet HTML 162Page - Omron Electronics LLC F3SG-R Datasheet HTML 163Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 164 page
background image
F3W-MA
159
Mounted with F3W-MA Bracket (F39-LGMA
@) and Standard Adjustable Bracket (F39-LGA) on F3SG-RA
Accessories
Single-Ended Cable for Emitter (F39-JGA-L, sold separately)
Single-Ended Cable for Receiver (F39-JGA-D, sold separately)
Emitter cable (Gray)
Receiver cable (Black)
L (m)
F39-JG3A-L
F39-JG3A-D
3
F39-JG7A-L
F39-JG7A-D
7
F39-JG10A-L
F39-JG10A-D
10
F39-JG15A-L
F39-JG15A-D
15
F39-JG20A-L
F39-JG20A-D
20
Standard Adjustable Bracket*
(F39-LGA)
Smart Muting Actuator
(F3W-MA Series)
Smart Muting Actuator
(F3W-MA Series)
Safety Light Curtain
(F3SG-RA Series)
F3W-MA Bracket
(F39-LGMAT)
F3W-MA Bracket
(F39-LGMAL/T)
L-shaped configuration
T-shaped configuration (dashed line)
Muting Trigger
Beam
Muting Trigger
Beam
(54.3)
(63.2)
48.6
48.6
35
M3
M2
(47.6)
(44.9)
Note: When mounting an F3W-MA0300P in the L-shaped configuration, the shock resistance becomes as follows.
Shock resistance: 50 m/s2, 1000 shocks for all 3 axes
For mounting an F3W-MA0300P under a shock environment exceeding this, the F3W-MA Bracket cannot be used. Use a Standard
Adjustable Bracket (F39-LGA).
* The distance between the centers of the F3W-MA and the Standard Adjustable Bracket (F39-LGA) must be 100 mm or less. When the distance
is longer than 100 mm, add an extra Standard Adjustable Bracket for reinforcement.
Model
F3W-MA0100P
F3W-MA0300P
Dimension M2
100
300
Dimension M3
104
124
40.7
L
Insulated vinyl round cable dia. 6.6, 5-wire
(Cross section of conductor: 0.38 mm2/insulator diameter: dia. 1.2 mm)
M12 IP67 connector
Insulated vinyl round cable dia. 6.6, 8-wire
(Cross section of conductor: 0.38 mm2/insulator diameter: dia. 1.2 mm)
M12 IP67 connector
L
40.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com