Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 5Page - STMicroelectronics SR176 Datasheet HTML 6Page - STMicroelectronics SR176 Datasheet HTML 7Page - STMicroelectronics SR176 Datasheet HTML 8Page - STMicroelectronics SR176 Datasheet HTML 9Page - STMicroelectronics SR176 Datasheet HTML 10Page - STMicroelectronics SR176 Datasheet HTML 11Page - STMicroelectronics SR176 Datasheet HTML 12Page - STMicroelectronics SR176 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
SR176
Data transfer
9/35
3.4
Request end of frame
The EOF, as shown in Figure 6, consists of:
●
one falling edge
●
followed by 10 ETUs set to logic 0
●
followed by one single rising edge
Figure 4.
SR176 request frame character format
Figure 5.
Request start of frame
Figure 6.
Request End Of Frame
3.5
Output data transfer from the SR176 to the Reader (answer
frame)
The SR176 uses load modulation to return data to the reader. This modulation is achieved
by modifying the SR176 current flow in its antenna. With appropriate detector circuitry, the
reader is able to decode the information from the SR176. The data is transmitted using a
BPSK coding of a 847.5 kHz subcarrier frequency, fS, as specified in ISO 14443-2 Type B,
and as shown in Figure 7.
Table 2.
Bit description
Bit
Description
Value
b0
Start bit used to synchronize the transmission
b0 = 0
b1 to b8
Information Byte (command, address or data or
CRC)
Information Byte sent, least
significant bit first
b9
Stop bit used to indicate the end of a character
b9 = 1
ai07664
1 ETU
Start
"0"
Stop
"1"
MSb
LSb
Information Byte
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11
ai07666
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
0000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com