Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 10Page - STMicroelectronics SR176 Datasheet HTML 11Page - STMicroelectronics SR176 Datasheet HTML 12Page - STMicroelectronics SR176 Datasheet HTML 13Page - STMicroelectronics SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics SR176 Datasheet HTML 17Page - STMicroelectronics SR176 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Device operations (instructions)
SR176
14/35
5
Device operations (instructions)
All instructions, data and the CRC are transmitted to the SR176 in 10-bit character format
using ASK modulation. The start bit (b0 of the 10 bits) is sent first. The command frame
received by the SR176 on the antenna is demodulated by the 10% ASK demodulator, and is
decoded by internal logic. Prior to any operation, the SR176 must have been previously
activated by an INITIATE command (as shown in Figure 13). Each frame transmitted to the
SR176 must start with a Start Of Frame, followed by one or more data characters, and is
ended by two CRC bytes and the End Of Frame. When an invalid frame is decoded by the
SR176 (because of a wrong instruction or CRC error), the memory does not send any error
code.
When a valid frame is received, the SR176 may have to send back data to the reader. For
this, it sends 10-bit characters back, with SOF, CRC and EOF, using the BPSK coding. The
transfer is ended by the SR176 sending the EOF.
Figure 13.
State transition diagram
AI09063B
DEACTIVATED
DESELECTED
POWER-OFF
READY
ACTIVE
SELECTED
INITIATE()
In Field
Out of
Field
Out of
Field
SELECT(Chip_ID)
COMPLETION
Out of
Field
Out of
Field
SELECT(Chip_ID)
SELECT( = Chip_ID)
SELECT(Chip_ID)
READ_BLOCK()
WRITE_BLOCK()
PROTECT_BLOCK()
GET_PROTECTION()
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com