Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 12Page - STMicroelectronics SR176 Datasheet HTML 13Page - STMicroelectronics SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics SR176 Datasheet HTML 17Page - STMicroelectronics SR176 Datasheet HTML 18Page - STMicroelectronics SR176 Datasheet HTML 19Page - STMicroelectronics SR176 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Device operations (instructions)
SR176
16/35
5.2
SELECT(Chip_ID)
Command Code = 0Eh,(X.ID)h
Prior to any memory access, the SR176 must have been set in the SELECTED state by a
SELECT() command. All other commands sent to the SR176 before the SELECT(), except
INITIATE(), are ignored. In response to receiving the SELECT() command, the SR176
sends back its Chip_ID, using an 8-bit format (Figure 21).
Any SR176 that is already in the SELECTED state, and which receives a SELECT()
command that does not match its Chip_ID, is automatically put in the DESELECTED state.
The SR176 stays in the SELECTED state up to the reception of a COMPLETION or a
SELECT with a non-matching Chip_ID.
After a PROTECT_BLOCK command, it is necessary to send a new SELECT command in
order to load enable the write access again in the internal logic. If a SELECT is not send, the
SR176 keeps the previous write access rights.
Request parameters (Figure 18):
●
Chip_ID (formatted as shown in Figure 20)
Response parameters (Figure 19):
●
Chip_ID (formatted as shown in Figure 20)
Figure 18.
SELECT request format
Figure 19.
SELECT response format
Figure 20.
8-bit Chip_ID format
SOF
SELECT
CRCL
CRCH
EOF
AI07702B
0Eh
4 reserved bits
+ 4-bit ID
8 bits
8 bits
Chip_ID
SOF
Chip_ID
CRCL
CRCH
EOF
AI07703B
4 reserved bit
+ 4-bit ID
8 bits
8 bits
b7
b6
b5
b4
b3
b2
b1
b0
AI07704B
Test bits (block 15)
b3
Block 15
b0
4-bit Chip_ID of the SR176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com