Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 8Page - STMicroelectronics SR176 Datasheet HTML 9Page - STMicroelectronics SR176 Datasheet HTML 10Page - STMicroelectronics SR176 Datasheet HTML 11Page - STMicroelectronics SR176 Datasheet HTML 12Page - STMicroelectronics SR176 Datasheet HTML 13Page - STMicroelectronics SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Memory mapping
SR176
12/35
4
Memory mapping
The SR176 is organized as 16 blocks of 16 bits, as shown in Figure 12.
The first four blocks, from location 0 to 3, are used to store read-only data. They store the
64-bit UID. This value cannot be modified.
Blocks from locations 4 to 14 offer a 176-bit EEPROM user area in which the application can
store its data values. Block 15 contains the OTP LOCK_REG and the programmed Chip_ID.
The PROTECT_BLOCK command is used to lock write access to blocks 4 to 15 in groups of
two blocks.
The GET_PROTECTION command gives the status of the protection of blocks 4 to 15.
Figure 12.
SR176 memory mapping
4.1
Device identification
The SR176 has a 64-bit Unique Identifier (UID) which is written by STMicroelectronics
during the manufacturing process. The UID is unique for each tag and cannot be altered. It
is stored in a Read Only Memory area (ROM). In the SR176, the UID is stored in the first
four blocks of the memory in blocks 0 to 3.
Block
Address
MSb
LSb
b15
16-bit block
b7
b0
b8
Description
0
1
2
3
UID0
UID1
UID2
UID3
64-bit UID
ROM
4
5
6
7
8
9
10
11
12
13
14
15
User Area
User Area
User Area
User Area
User Area
User Area
User Area
User Area
User Area
User Area
User Area
Lockable EEPROM
Lockable EEPROM
Lockable EEPROM
Lockable EEPROM
Lockable EEPROM
Lockable EEPROM
Chip_ID
Reserved
OTP LOCK_REG
ai07699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com