Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 7Page - STMicroelectronics SR176 Datasheet HTML 8Page - STMicroelectronics SR176 Datasheet HTML 9Page - STMicroelectronics SR176 Datasheet HTML 10Page - STMicroelectronics SR176 Datasheet HTML 11Page - STMicroelectronics SR176 Datasheet HTML 12Page - STMicroelectronics SR176 Datasheet HTML 13Page - STMicroelectronics SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
SR176
Data transfer
11/35
3.9
Transmission frame
Between the Request and the Answer data transfer, there is a guard time without ASK and
BPSK modulation, for a minimum period of t0 =128/fS. This delay allows the reader to switch
from transmission to reception mode, and is applied after each frame. After t0, the
13.56 MHz carrier frequency is modulated by the SR176 at 847.5 kHz for a period of
t1 = 128/fS, to allow the reader to synchronize. After t1, the first phase transition generated
by the SR176 represent the start bit (‘0’) of the Answer SOF. After the falling edge of the
Answer EOF, the reader has to wait for the minimum delay, t2, before sending a new
Request Frame to the SR176.
Figure 10.
Example of a complete transmission frame
3.10
CRC
The 16-bit CRC that is used by the SR176 follows the ISO 14443 Type B recommendation.
For further information, see Appendix A. The initial register content is all ones: FFFFh.
A two-byte CRC is appended to each Request and each Answer, within each frame, before
the EOF. The CRC is calculated on all the Bytes after the SOF, up to the CRC field.
On reception of a Request from a reader, the SR176 verifies that the CRC value is valid. If it
is invalid, it discards the frame and does not answer the reader.
On reception of an Answer from the SR176, it is recommended that the reader verify that the
CRC value is valid. If it is invalid, that choice of actions that are to be performed are the
responsibility of the reader designer.
The CRC is transmitted least significant byte first. Each byte is transmitted least significant
bit first.
Figure 11.
CRC transmission rules
Sent by the
Reader
Sent by the
SR176
Input Data Transfer using ASK
Sync
fS=847.5kHz
SOF
Cmd
Data
CRC
CRC
EOF
Data CRC CRC
SOF
EO
F
SOF
AI09060
Output Data Transfer using 847kHz BPSK
10
bits
10
bits
10
bits
10
bits
10
bits
10
bits
10
bits
10
bits
12
bits
12
bits
12
bits
128/fS
128/fS
tDR
t0
t1
t2
at
106kb/s
CRC 16 (8 bits)
CRC 16 (8 bits)
LSbit
MSbit
LSbit
MSbit
LSByte
MSByte
ai07667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com