Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics SR176 Datasheet HTML 17Page - STMicroelectronics SR176 Datasheet HTML 18Page - STMicroelectronics SR176 Datasheet HTML 19Page - STMicroelectronics SR176 Datasheet HTML 20Page - STMicroelectronics SR176 Datasheet HTML 21Page - STMicroelectronics SR176 Datasheet HTML 22Page - STMicroelectronics SR176 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
SR176
Device operations (instructions)
19/35
Figure 26.
READ_BLOCK frame exchange between Reader and SR176
Figure 27.
64-bit UID storage format
Unique Identifier (UID)
Members of the SR176 family are uniquely identified by a 64-bit Unique Identifier (UID). This
is used for addressing each SR176 device uniquely after the anticollision loop. The UID
complies with ISO/IEC 15963 and ISO/IEC 7816-6. It is a read-only code, and comprises
(as summarized in Figure 28):
●
an 8-bit prefix, with the most significant bits set to D0h
●
an 8-bit IC Manufacturer code (ISO/IEC 7816-6/AM1) set to 02h (for
STMicroelectronics)
●
a 6-bit IC code set to 00 0010b = 2d for SR176
●
a 42-bit Unique Serial Number
Figure 28.
64-bit unique identifier of the SR176
SOF DATAL
AI07707B
DATAH
Reader
SR176
CRCL CRCH EOF
SOF
08h
CRCL CRCH EOF
ADDR
t0
t1
b15
UID2
b0 b15
UID1
b0 b15
UID0
b0
AI07708B
b63
b0
UID3
b0 b15
AI14078
D0h
Unique Serial Number
02h
63
55
47
0
Most significant bits
Least significant bits
41
2d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com