Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 9Page - STMicroelectronics SR176 Datasheet HTML 10Page - STMicroelectronics SR176 Datasheet HTML 11Page - STMicroelectronics SR176 Datasheet HTML 12Page - STMicroelectronics SR176 Datasheet HTML 13Page - STMicroelectronics SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics SR176 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SR176
Memory mapping
13/35
4.2
Device selection
After introducing the device in the reader’s electromagnetic field, the SR176 has to be
activated by a INITIATE command. After this command, the SR176 is in the ACTIVE state
and waits for a SELECT command, as shown in Figure 13. The SELECT command
specifies a 4-bit Chip_ID as a parameter. If the Chip-ID of the SR176 matches this
parameter, the SR176 goes in the SELECTED state, and memory blocks become available
for READ_BLOCK and WRITE_BLOCK commands up to the reception of a COMPLETION
command. If the Chip_ID does not match, the SR176 returns to, or stays in, the
DESELECTED state. Write access rights are activated by the SELECT command.
After the Power On of the SR176, if the INITIATE command is not send or is not correctly
generated, memory blocks will not be activated, and the SR176 will not respond to any
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com