Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 27Page - STMicroelectronics SR176 Datasheet HTML 28Page - STMicroelectronics SR176 Datasheet HTML 29Page - STMicroelectronics SR176 Datasheet HTML 30Page - STMicroelectronics SR176 Datasheet HTML 31Page - STMicroelectronics SR176 Datasheet HTML 32Page - STMicroelectronics SR176 Datasheet HTML 33Page - STMicroelectronics SR176 Datasheet HTML 34Page - STMicroelectronics SR176 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
SR176
Package mechanical
31/35
Figure 48.
A5 antenna specification
Table 11.
A5 antenna specification
Symbol
Parameter
Type
Min
Max
Unit
A
Coil width
42
41.5
42.5
mm
B
Coil length
65
64.5
65.5
mm
A1
Inlay width
46
45.5
46.5
mm
B1
Inlay length
70
69.5
70.5
mm
Overall thickness of copper antenna coil
140
130
150
µm
Silicon thickness
180
165
195
µm
Q
Unloaded Q value
30
FNOM
Unloaded free-air resonance
14.8
MHz
PA
H-field energy for device operation
0.25
108
A/m
dbµA/m
A
B
A1
AI09071B
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com