Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR176 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 17Page - STMicroelectronics SR176 Datasheet HTML 18Page - STMicroelectronics SR176 Datasheet HTML 19Page - STMicroelectronics SR176 Datasheet HTML 20Page - STMicroelectronics SR176 Datasheet HTML 21Page - STMicroelectronics SR176 Datasheet HTML 22Page - STMicroelectronics SR176 Datasheet HTML 23Page - STMicroelectronics SR176 Datasheet HTML 24Page - STMicroelectronics SR176 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SR176
Device operations (instructions)
21/35
5.7
PROTECT_BLOCK
Command Code = 09h,0Fh,00h,LOCK_REG
Prior to any PROTECT_BLOCK command, the SR176 must have been set into the
SELECTED state.
The PROTECT_BLOCK command allows the write access to be blocked to memory blocks
4 to 15. It must be followed by a SELECT() command. This re-initializes the write protection
conditions to blocks 4 to 15. Until then, the new protection setting is not taken into account
by the SR176 logic. The SR176 does not generate any response when it executes a
PROTECT_BLOCK command (Figure 32). The reader must use the GET_PROTECTION
command to get the information on the protection status.
The OTP LOCK_REG controls the write-protection on blocks 4 to 15, and is, itself, One-
Time Programmable. Each ‘1’ in the LOCK_REG parameter indicates that the
corresponding bit in the OTP LOCK_REG should be set. Each ‘0’ indicates that the
corresponding bit should be left unchanged. Once a bit in the OTP LOCK_REG has been
set to ‘1’, it is not possible to reset it to ‘0’ and the corresponding memory blocks are forever
write protected (and behaves like ROM).
Request parameters (Figure 31):
●
LOCK_REG (Table 3)
Figure 31.
PROTECT_BLOCK request format
Table 3.
Bits in the LOCK_REG parameter, and in the OTP LOCK_REG Register
Lock Reg
Parameter Bit
Meaning
Block 15 Bit
Meaning
b7
1: set b15 of Block 15 to ‘1’
0: leave it unchanged
b15
1: Write-Protect Blocks 14 and 15
0: Allow write access
b6
1: set b14 of Block 15 to ‘1’
0: leave it unchanged
b14
1: Write-Protect Blocks 12 and 13
0: Allow write access
b5
1: set b13 of Block 15 to ‘1’
0: leave it unchanged
b13
1: Write-Protect Blocks 10 and 11
0: Allow write access
b4
1: set b12 of Block 15 to ‘1’
0: leave it unchanged
b12
1: Write-Protect Blocks 8 and 9
0: Allow write access
b3
1: set b11 of Block 15 to ‘1’
0: leave it unchanged
b11
1: Write-Protect Blocks 6 and 7
0: Allow write access
b2
1: set b10 of Block 15 to ‘1’
0: leave it unchanged
b10
1: Write-Protect Blocks 4 and 5
0: Allow write access
b1
1: set b9 of Block 15 to ‘1’
0: leave it unchanged
b9
1: Write-Protect Blocks 2 and 3
0: Allow write access
b0
1: set b8 of Block 15 to ‘1’
0: leave it unchanged
b8
1: Write-Protect Blocks 0 and 1
0: Allow write access
SOF
CRCL
CRCH
EOF
AI07711B
LOCK_REG
00h
8 bIts
8 bIts
8 bIts
PROTECT_BLOCK
09h
0Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com