Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 64 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 60Page - STMicroelectronics PSD502B1 Datasheet HTML 61Page - STMicroelectronics PSD502B1 Datasheet HTML 62Page - STMicroelectronics PSD502B1 Datasheet HTML 63Page - STMicroelectronics PSD502B1 Datasheet HTML 64Page - STMicroelectronics PSD502B1 Datasheet HTML 65Page - STMicroelectronics PSD502B1 Datasheet HTML 66Page - STMicroelectronics PSD502B1 Datasheet HTML 67Page - STMicroelectronics PSD502B1 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
PSD5XX Family
61
Power
Management
Unit
(Cont.)
9.5.4 Other Power Saving Options
The PSD5XX provides additional power saving options. These options, except the SRAM
Standby Mode, can be enabled/disabled by setting up the corresponding bit in the PMMR.
t EPROM
The EPROM power consumption in the PSD is controlled by bit 3 in the
PMMR0 – EPROM CMiser. Upon reset the CMiser bit is OFF. This will cause the
EPROM to be ON at all times as long as CSI is enabled (low). The reason this mode is
provided is to reduce the access time of the EPROM by 10 ns relative to the low power
condition when CMiser is ON. If CSI is disabled (high) the EPROM will be deselected
and will enter standby mode (OFF) overriding the state of the CMiser.
If CMiser is set (ON) then the EPROM will enter the standby mode when not selected.
This condition can take place when CSI is high or when CSI is low and the EPROM is
not accessed. For example, if the MCU is accessing the SRAM, the EPROM will be
deselected and will be in low power mode.
An additional advantage of the CMiser is achieved when the PSD is configured in the
by 8 mode (8 bit data bus). In this case an additional power savings is achieved in the
EPROM (and also in the SRAM) by turning off 1/2 of the array even when the EPROM
is accessed (the array is divided internally into odd and even arrays).
The power consumption for the different EPROM modes is given in the DC
Characteristics table under ICC (DC) EPROM Adder.
t SRAM Standby Mode
The SRAM has a dedicated supply voltage VSTBY that can be used to connect a
battery. When VCC becomes lower than VSTBY –0.6 then the PSD will automatically
connect the VSTBY as a power source to the SRAM. The SRAM Standby Current (ISTBY)
is typically 0.5 µA.
SRAM data retention voltage VDF is 2 V minimum.
t Zero Power ZPLD
ZPLD power/speed is controlled by the ZPLD_Turbo bit (bit 4) in the PMMR0. After
reset the ZPLD is in Turbo mode and runs at full power and speed. By setting the bit to
“1”, the Turbo mode is disabled and the ZPLD is consuming Zero Power current if the
inputs are not switching for an extended time of 100 ns. The propagation delay time will
be increased by 10ns after the Turbo bitis set to “1” (turned off) if the inputs change at a
frequency of less than 15 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com