Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 81 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 77Page - STMicroelectronics PSD502B1 Datasheet HTML 78Page - STMicroelectronics PSD502B1 Datasheet HTML 79Page - STMicroelectronics PSD502B1 Datasheet HTML 80Page - STMicroelectronics PSD502B1 Datasheet HTML 81Page - STMicroelectronics PSD502B1 Datasheet HTML 82Page - STMicroelectronics PSD502B1 Datasheet HTML 83Page - STMicroelectronics PSD502B1 Datasheet HTML 84Page - STMicroelectronics PSD502B1 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 153 page
background image
PSD5XX Family
78
Counter/Timer
Operation
(Cont.)
9.6.1.8 Counter/Timer Clock Input
All Counter/Timers 0 through 3 have a common clock source. The Counter/Timers are
clocked from the output of a highly flexible and high resolution Divisor unit. The Divisor’s
input is the external Clock input pin. The Divisor DIV is a number in the range of
4
<= DIV <= 280. Refer to Table 22 for exact values of DIV for different clock values.
Figure 42 details the PSD5XX Counter clock generation.
The Counter/Timer CLOCK input
=
(External Clock input)
(DIV)
where DIV = N * K and N = (4 + DLCY).
The value of K depends on the Scale-Bit (Bit 0 in the Global Command Register) in the
“Global Command Register” , K = 8 when Scale-Bit is set to 1 and K = 1 when Scale-Bit is
set to 0. DLCY is the number of Delay Cycles in the range of 0
<= DLCY <= 31 set up in the
Delay Cycle Register. The fastest clock to service the Counter/Timer is = (Clock input / 4).
The maximum External Clock input value is 28 MHz and the fastest internal count frequency
is 7.0 MHz, i.e., a resolution of 143 ns. (Higher resolution can be achieved by using in
conjunction with GPLD macrocells). The default value of DIV is 4 (following a reset both K
and DLCY contain zeroes).
9.6.1.7 Terminal Counts (TCs)
The terminal counts (TC0 – TC3) generated by the Counter/Timers are made available
at Port E as outputs or as feedbacks to the ZPLD. Refer to Table 27a for pin assignments.
The terminal counts can be used to concatenate the 16-bit Counter/Timers into a
larger counter. Only the trailing edge of the TC signal can be used as input to another
Counter/Timer. For example, concatenating CTU0 and CTU1 requires the following
PPLD equation in the PSDabel file:
mc2t mr1 = tc0;
In order for a TC signal to come out, its respective bit in the Port E Special Function Out
Register must be set to 1. TC signals on Port E pins can be used as inputs to the ZPLD.
A TC signal goes high for the duration of at least four CLKIN periods whenever its
corresponding Timer Counting-Register overflows or underflows.
Figure 41 gives the timing relationship between CLKIN and the TC signal.
Figure 41. Timing Relationship Between CLKIN and the TC Signal.
4 CLKIN PERIODS
CLKIN
TC - SIGNAL
30ns
30ns
NOTES: 1. Overflow occurs when a counter value changes from FFFFh to 0000h during incrementing.
2. Underflow occurs when a counter value changes from 0000h to FFFFh during decrementing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com