Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 81Page - STMicroelectronics PSD502B1 Datasheet HTML 82Page - STMicroelectronics PSD502B1 Datasheet HTML 83Page - STMicroelectronics PSD502B1 Datasheet HTML 84Page - STMicroelectronics PSD502B1 Datasheet HTML 85Page - STMicroelectronics PSD502B1 Datasheet HTML 86Page - STMicroelectronics PSD502B1 Datasheet HTML 87Page - STMicroelectronics PSD502B1 Datasheet HTML 88Page - STMicroelectronics PSD502B1 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 153 page
background image
PSD5XX Family
82
Address
Register Name
Address
Register Name
Offset
Offset
+A8h
STATUS FLAGS
+A9h
GLOBAL COMMAND
+A7h
DLCY
+A4h
SOFTWARE LOAD/STORE
+A5h
FREEZE COMMAND
+A2h
CMD3
+A3h
CMD2
+A0h
CMD1
+A1h
CMD0
+9Eh
CNTR3
+9Fh
CNTR3
+9Ch
CNTR2
+9Dh
CNTR2
+9Ah
CNTR1
+9Bh
CNTR1
+98h
CNTR0
+99h
CNTR0
+96h
IMG3
+97h
IMG3
+94h
IMG2
+95h
IMG2
+92h
IMG1
+93h
IMG1
+90h
IMG0
+91h
IMG0
Table 23a. Offset Address Map of Counter/Timer-Unit Registers
(For 16-Bit Motorola MCUs in 16-Bit Mode. If 8-Bit Mode is selected, use Table 23.)
Registers IMG0 through IMG3 are written to by the microcontroller to load the
Counter/Timers with required values in Waveform, Pulse and WatchDog mode only.
To retrieve the count or time in Event count or Time capture modes, Counter/Timers store
their values into IMG0 through IMG3.
Any access to the Image Registers must conform to the Freeze/Freeze Acknowledge
protocol, described later in the Freeze Command paragraph.
Counter/Timer
Registers
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com