Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 51Page - STMicroelectronics PSD502B1 Datasheet HTML 52Page - STMicroelectronics PSD502B1 Datasheet HTML 53Page - STMicroelectronics PSD502B1 Datasheet HTML 54Page - STMicroelectronics PSD502B1 Datasheet HTML 55Page - STMicroelectronics PSD502B1 Datasheet HTML 56Page - STMicroelectronics PSD502B1 Datasheet HTML 57Page - STMicroelectronics PSD502B1 Datasheet HTML 58Page - STMicroelectronics PSD502B1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 153 page
background image
PSD5XX Family
52
The PSD5XX provides EPROM memory for code storage and SRAM memory for scratch
pad usage. Chip selects for the memory blocks come from the DPLD decoding logic and are
defined by the user in the PSDsoft Software. Figure 26 shows the organization of the
Memory Block.
All PSD families use Zero-power memory techniques that place memory into standby
between MCU accesses. The memory becomes active briefly after an address transition,
then delivers new data to the outputs, latches the outputs, and returns to standby. This is
done automatically and the designer has to do nothing special to benefit from this feature.
9.4.1 EPROM
The PSD5XX provides three EPROM densities: 256Kbit, 512Kbit or 1Mbit. The EPROM
is divided into four 8K, 16K or 32K byte blocks. Each block has its own chip select signals
(ES0 – ES3). The EPROM can be configured as 32K x 8, 64K x 8 or 128K x 8 for
microcontrollers with an 8-bit data bus. For 16-bit data buses, the EPROM is configured as
16K x 16, 32K x 16, or 64K x 16.
9.4.2 SRAM
The SRAM has 16Kbits of memory, organized as 2K x 8 or 1K x 16. The SRAM is enabled
by the chip select signal RS0 from the DPLD. The SRAM has a battery back-up (STBY)
mode. This back-up mode is invoked when the VCC voltage drops under the VSTBY voltage
by 0.6 V. The VSTBY voltage is connected only to the SRAM and cannot be lower than
2.7 volts. The SRAM Data Retention voltage is 2 volts.
9.4.3 Memory Select Map
The EPROM and SRAM chip select equations are defined in the ABEL file in terms of
address and other DPLD inputs. The memory space for the EPROM chip select
(ES0 – ES3) should not be larger than the EPROM block (8KB, 16KB or 32KB) it is
selecting.
The following rules govern how the internal PSD5XX memory selects/space are defined:
t The EPROM blocks address space cannot overlap
t SRAM, internal I/O and Peripheral I/O space cannot overlap
t SRAM, internal I/O and Peripheral I/O space can overlap EPROM space, with priority
given to SRAM or I/O. The portion of EPROM which is overlapped cannot be accessed.
The Peripheral I/O space refers to memory space occupied by peripherals when Port A is
configured in the Peripheral I/O Mode.
9.4
Memory
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com