Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 87Page - STMicroelectronics PSD502B1 Datasheet HTML 88Page - STMicroelectronics PSD502B1 Datasheet HTML 89Page - STMicroelectronics PSD502B1 Datasheet HTML 90Page - STMicroelectronics PSD502B1 Datasheet HTML 91Page - STMicroelectronics PSD502B1 Datasheet HTML 92Page - STMicroelectronics PSD502B1 Datasheet HTML 93Page - STMicroelectronics PSD502B1 Datasheet HTML 94Page - STMicroelectronics PSD502B1 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 153 page
background image
PSD5XX Family
88
9.6.2.5 Software Load/Store Register:
Each bit in this register enables a load to the corresponding Counter/Timer from its
associated Image Register in Waveform, Pulse or WatchDog modes. The actual counts
are stored in their corresponding Image Register in event Counter or time capture modes.
Bit 6 of the Command Register must be set to “1” before writing to the software load/store
register.
Counter/Timer
Registers
(Cont.)
Software Load/Store 0 Bit: If this bit is set to
1: Counter/Timer0 CNTR0 gets loaded from the Image
Register IMG0 or CNTR0 stores into IMG0 based on the
mode of operation
**.
Software Load/Store 1 Bit: If this bit is set to
1: Counter/Timer1 CNTR1 gets loaded from the Image
Register IMG1 or CNTR1 stores into IMG1 based on the
mode of operation
**.
Software Load/Store 2 Bit: If this bit is set to
1: Counter/Timer2 CNTR2 gets loaded from the Image
Register IMG2.
Software Load/Store 3 Bit: If this bit is set to
1: Counter/Timer3 CNTR3 gets loaded from the Image
Register IMG3 or CNTR3 stores into IMG3 based on the
mode of operation
**.
**Load operation takes place in Waveform, Pulse and WatchDog mode.
Store operation takes place in Event Count and Time Capture mode.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
****
Software
Software
Software
Software
Load/Store 3 Load/Store 2 Load/Store 1 Load/Store 0
NOTE: * = Not used.
The Software load/store bits are automatically cleared by the served Counter.
In addition to four CTU registers, there are delay cycle and Counter/Timer status registers.
These are summarized on the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com