Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 2Page - STMicroelectronics PSD502B1 Datasheet HTML 3Page - STMicroelectronics PSD502B1 Datasheet HTML 4Page - STMicroelectronics PSD502B1 Datasheet HTML 5Page - STMicroelectronics PSD502B1 Datasheet HTML 6Page - STMicroelectronics PSD502B1 Datasheet HTML 7Page - STMicroelectronics PSD502B1 Datasheet HTML 8Page - STMicroelectronics PSD502B1 Datasheet HTML 9Page - STMicroelectronics PSD502B1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 153 page
background image
PSD5XX Family
3
2.0
Key Features
Introduction
(cont.)
The Power Management Unit (PMU) of the PSD5XX enables the user to control the
power consumption on selected functional blocks, based on system requirements. For
microcontrollers that do not generate a chip select input for the PSD, the Automatic
Power-Down (APD) unit of the PMU can be setup to enable the PSD to enter Power Down
or Sleep Mode, based on the inactivity of ALE (or AS).
Implementing your design has never been easier than with PSDsoft—WSI’s software
development suite. Using PSDsoft, you can do the following:
• Configure your PSD5XX to work with virtually any microcontroller
• Specify what you want implemented in the programmable logic using a design file
• Simulate your design
• Download your design to the part using a programmer.
t Single-chip programmable peripheral for microcontroller-based applications
t 256K to 1 Mbit of UV EPROM with the following features:
• Configurable as 32, 64, or 128 K x 8; or as 16, 32, or 64 K x 16
• Divided into four equally-sized mappable blocks for optimized address mapping
• As fast as 70 ns access time, which includes address decoding
• Built-in Zero-power technology
t 16 Kbits SRAM is configurable as 2K x 8 or 1K x 16. The access time can be
as quick as 70 ns, including address decoding. The contents of the SRAM can be
battery-backed by connecting a battery to the Vstby pin. The SRAM was also designed
using Zero-power technology
t 40 I/O pins (divided into five 8-bit ports) that can be individually configured for:
• Standard MCU I/O
• PLD/macrocell I/O
• Latched address output
• High-order address inputs
• Special function I/O
• Open-drain output
t Three Zero-power Programmable Logic Devices (ZPLDs): the Decode PLD (DPLD), the
General-purpose PLD (GPLD), and the Peripheral PLD (PPLD) can be used for:
• Up to 61 input and 140 output product terms
• 24 Macrocells and I/O
• Decode up to 16 MB of address
• State machines and state logic
• Generate external signals (chip selects, bus interface, etc.)
t Microcontroller logic that eliminates the need for external “glue logic” has the following
features:
• Ability to interface to multiplexed and non-multiplexed buses
• Built-in address latches for multiplexed address/data bus
• ALE and Reset polarity are programmable
• Multiple configurations are possible for interface to many different microcontrollers
t Four 16-bit Counter/Timers that have five modes of operation and can be controlled by
the PPLD macrocells. Modes of operation are: pulse and waveform generation, time
capture, event counting, and a watchdog timer (real time clock).
t Eight input priority encoded Interrupt Controller. Four interrupts are generated by
the PPLD and are user defined. The other four interrupts are generated by the
Counter/Timer’s terminal count flags. Each interrupt can be individually masked and
configured as edge or level sensitive.
t Page logic is connected to the ZPLDs and expands the MCU address space to up to
16 times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com