Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 48 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 44Page - STMicroelectronics PSD502B1 Datasheet HTML 45Page - STMicroelectronics PSD502B1 Datasheet HTML 46Page - STMicroelectronics PSD502B1 Datasheet HTML 47Page - STMicroelectronics PSD502B1 Datasheet HTML 48Page - STMicroelectronics PSD502B1 Datasheet HTML 49Page - STMicroelectronics PSD502B1 Datasheet HTML 50Page - STMicroelectronics PSD502B1 Datasheet HTML 51Page - STMicroelectronics PSD502B1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 153 page
background image
PSD5XX Family
45
9.3.11 Port A – Functionality and Structure
Port A is the most flexible of all the I/O ports. It can be configured to perform one or more
of the following functions:
t Standard MCU I/O Mode
t PLD I/O
t Address Out – latched address lines assigned to pins PA[0-7]
t Address In – input port for other lines, inputs can be latched by ALE.
t Special Function Out – pins PA0 – PA3 can be configured as dedicated timer outputs.
t Peripheral I/O
Figure 21 shows the structure of a Port A pin. If the pin is configured as an output port, the
multiplexer selects one of its four inputs as output. If the pin is configured as an input, the
input connects to :
1. Data In Register as input in Standard MCU I/O Mode
or
2. PA Macrocell as PLD input
or
3. PA Macrocell as Address In input (latched for multiplexed bus).
9.3.12 Port B – Functionality and Structure
Port B is similar to Port A in structure. It can be configured to perform one or more of the
following functions:
t Standard MCU I/O Mode
t PLD I/O
t Address Out – address lines A[0-7] for 8-bit multiplexed bus, or address lines
A[8-15] for 16-bit multiplexed bus are assigned to pins PB[0-7].
t Special Function Out – pins PB0 - PB3 are configured as dedicated Timer outputs.
Figure 22 shows the structure of a Port B pin. If the pin is configured as an output port, the
multiplexer selects one of its four inputs as output. If the pin is configured as input, the input
connects to :
t Data In Register as input in Standard MCU I/O Mode
or
t PB Macrocell as PLD input
I/O Ports
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com