Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 44 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 40Page - STMicroelectronics PSD502B1 Datasheet HTML 41Page - STMicroelectronics PSD502B1 Datasheet HTML 42Page - STMicroelectronics PSD502B1 Datasheet HTML 43Page - STMicroelectronics PSD502B1 Datasheet HTML 44Page - STMicroelectronics PSD502B1 Datasheet HTML 45Page - STMicroelectronics PSD502B1 Datasheet HTML 46Page - STMicroelectronics PSD502B1 Datasheet HTML 47Page - STMicroelectronics PSD502B1 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 153 page
background image
PSD5XX Family
41
9.3.7 Alternate Function In
This mode is per-pin configurable and enables the user to define the pins in Port E to
perform Alternate function. Alternate Function includes inputs to Counter/Timers and APD
clock.
t Configuration
1. Select input functions in PSD configuration
2. PSD compiler assigns pins for the selected function.
9.3.8 Peripheral I/O
This mode enables the microcontroller to read or write to a peripheral though Port A.
When there is no read/write operation, Port A is tri-stated. One of the applications of
Peripheral I/O is in a DMA based design.
t Configuration
1. Declare the pins used as Peripheral I/O in the ABEL file.
2. Write logic equations for PSEL0 and PSEL1.
3. Write a “1” to the PIO bit in the VM Register to activate the Peripheral I/O operation.
See the section on Peripheral I/O for a detailed description.
9.3.9 Open Drain Outputs
This mode enables the user to configure Port C and D pins as open drain outputs. CMOS
output is the default configuration. Writing “1” to the corresponding bit in the Open Drain
Register changes the pin to open drain output.
Port Mode
Port A
Port B
Port C
Port D
Port E
Standard MCU I/O
Yes
Yes
Yes
Yes
Yes
PLD I/O
Yes
Yes
Input Only
Input Only
Yes
Address Out
Yes
Yes
Yes
Yes
Yes
Address In
Yes
Yes
*
Yes
*
Yes
*
Yes
*
Data Port
Yes
Yes
Special Function Out
Yes
Yes
Yes
Alternate Function In
Yes
Peripheral I/O
Yes
Open Drain
Yes
Yes
*For external decoding. Cannot be latched by ALE.
Table 11. Operating Modes of the I/O Ports
The following table summarizes the operating modes of the I/O ports. Not all functions are
available to every port.
I/O Ports
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com