Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD502B1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 41Page - STMicroelectronics PSD502B1 Datasheet HTML 42Page - STMicroelectronics PSD502B1 Datasheet HTML 43Page - STMicroelectronics PSD502B1 Datasheet HTML 44Page - STMicroelectronics PSD502B1 Datasheet HTML 45Page - STMicroelectronics PSD502B1 Datasheet HTML 46Page - STMicroelectronics PSD502B1 Datasheet HTML 47Page - STMicroelectronics PSD502B1 Datasheet HTML 48Page - STMicroelectronics PSD502B1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 153 page
background image
PSD5XX Family
42
9.3.10 Port Registers
There are two sets of registers per I/O port: the Port Configuration Registers (PCR) which
consist of four 8-bit registers; and the Port Data Registers (PDR) which include three 8-bit
registers. The PCR is used for setting up the port configuration, while the PDR enables the
microcontroller to write or read port data or status bits. Tables 12 and 13 show the names
and the registers and the ports to which they belong.
All the registers in the PCR and PDR are 8-bits wide and each bit is associated with a pin in
the I/O port. In Table 14, the LSB of the Data In Register of Port A is connected to pin PA0,
and the MSB is connected to PA7. This pin configuration also applies to other registers and
ports. For example, in the Direction Register of Port A, writing a hex value of 07 to the
register configures pins PA0 – PA2 as output pins, while PA3 – PA7 remain as input pins.
Registers can be accessed by the microcontroller during normal read/write bus cycles.
The I/O address offset of the registers are listed in the System Configuration section.
I/O Ports
(Cont.)
Register Name
Port
Write/Read
Control Register
A,B,C,D,E
Write/Read
Direction Register
A,B,C,D,E
Write/Read
Open Drain Register
C,D
Write/Read
Special Function Register
A,B,E
Write/Read
PLD – I/O Register
A,B,E
Read
Table 12. Port Configuration Registers (PCR)
Register Name
Port
Read/Write
Data In Register
A,B,C,D,E
Read
Data Out Register
A,B,C,D,E
Write/Read
Macrocell Out Register
A,B,E
Read
Table 13. Port Data Registers (PDR)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7 Pin
PA6 Pin
PA5 Pin
PA4 Pin
PA3 Pin
PA2 Pin
PA1 Pin
PA0 Pin
Table 14.
Data In Register – Port A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7 Pin
PA6 Pin
PA5 Pin
PA4 Pin
PA3 Pin
PA2 Pin
PA1 Pin
PA0 Pin
= 0
= 0
= 0
= 0
= 0
= 1
= 1
= 1
Direction Register – Port A
( Example: Pins PA0 – PA2 as Output, PA3 – PA7 as Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com