Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 49 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 49 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 483 page
background image
Core components
• Write no more than 6 bytes back to the writerBuffer located in RAM at address 0x20000005.
The memory layout of these buffers is illustrated in EasyDMA memory layout on page 49.
readerBuffer[0]
readerBuffer[1]
readerBuffer[2]
readerBuffer[3]
readerBuffer[4]
writerBuffer[0]
writerBuffer[1]
writerBuffer[2]
writerBuffer[3]
writerBuffer[4]
writerBuffer[5]
0x20000000
0x20000004
0x20000008
Figure 5: EasyDMA memory layout
The WRITER.MAXCNT register should not be specified larger than the actual size of the buffer
(writerBuffer). Otherwise, the channel would overflow the writerBuffer.
Once an EasyDMA transfer is completed, the AMOUNT register can be read by the CPU to see how many
bytes were transferred. For example, CPU can read MYPERIPHERAL->WRITER.AMOUNT register to see how
many bytes WRITER wrote to RAM.
4.6.1 EasyDMA array list
EasyDMA is able to operate in a mode called array list.
The array list does not provide a mechanism to explicitly specify where the next item in the list is located.
Instead, it assumes that the list is organized as a linear array where items are located one after the other
in RAM.
The EasyDMA array list can be implemented by using the data structure ArrayList_type as illustrated in the
code example below:
#define BUFFER_SIZE 4
typedef struct ArrayList
{
uint8_t buffer[BUFFER_SIZE];
} ArrayList_type;
ArrayList_type ReaderList[3];
READER.MAXCNT = BUFFER_SIZE;
READER.PTR = &ReaderList;
The data structure only includes a buffer with size equal to the size of READER.MAXCNT register. EasyDMA
uses the READER.MAXCNT register to determine when the buffer is full.
4430_161 v1.0
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com