Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 62 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 62 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 66Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 483 page
background image
Power and clock management
POWER
REG
LDO
DC/DC
DCDCEN
VDD
DCC
GND
DEC4
1.3V System power
Supply
Figure 14: DC/DC regulator setup
5.3.2 System OFF mode
System OFF is the deepest power saving mode the system can enter. In this mode, the system’s core
functionality is powered down and all ongoing tasks are terminated.
The device can be put into System OFF mode using the POWER register interface. When in System OFF
mode, the device can be woken up through one of the following:
1. The DETECT signal, optionally generated by the GPIO peripheral
2. A reset
When the system wakes up from System OFF mode, it gets reset. For more details, see Reset behavior on
page 66.
One or more RAM sections can be retained in System OFF mode depending on the settings in the
RAM[n].POWER registers.
RAM[n].POWER are retained registers, see Reset behavior. Note that these registers are usually
overwritten by the startup code provided with the nRF application examples.
Before entering System OFF mode, the user must make sure that all on-going EasyDMA transactions have
been completed. This is usually accomplished by making sure that the EasyDMA enabled peripheral is not
active when entering System OFF.
5.3.2.1 Emulated System OFF mode
If the device is in debug interface mode, System OFF will be emulated to secure that all required resources
needed for debugging are available during System OFF.
See Debug on page 50 for more information. Required resources needed for debugging include the
following key components: Debug on page 50, CLOCK — Clock control on page 83, POWER — Power
supply on page 61, NVMC — Non-volatile memory controller on page 18, CPU, Flash, and RAM. Since
the CPU is kept on in an emulated System OFF mode, it is recommended to add an infinite loop directly
after entering System OFF, to prevent the CPU from executing code that normally should not be executed.
4430_161 v1.0
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com