Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 67 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 67 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 71Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 483 page
background image
Power and clock management
Register
Offset
Description
GPREGRET2
0x520
General purpose retention register
DCDCEN
0x578
DC/DC enable register
RAM[0].POWER
0x900
RAM0 power control register
RAM[0].POWERSET
0x904
RAM0 power control set register
RAM[0].POWERCLR
0x908
RAM0 power control clear register
RAM[1].POWER
0x910
RAM1 power control register
RAM[1].POWERSET
0x914
RAM1 power control set register
RAM[1].POWERCLR
0x918
RAM1 power control clear register
RAM[2].POWER
0x920
RAM2 power control register
RAM[2].POWERSET
0x924
RAM2 power control set register
RAM[2].POWERCLR
0x928
RAM2 power control clear register
RAM[3].POWER
0x930
RAM3 power control register
RAM[3].POWERSET
0x934
RAM3 power control set register
RAM[3].POWERCLR
0x938
RAM3 power control clear register
RAM[4].POWER
0x940
RAM4 power control register
RAM[4].POWERSET
0x944
RAM4 power control set register
RAM[4].POWERCLR
0x948
RAM4 power control clear register
RAM[5].POWER
0x950
RAM5 power control register
RAM[5].POWERSET
0x954
RAM5 power control set register
RAM[5].POWERCLR
0x958
RAM5 power control clear register
RAM[6].POWER
0x960
RAM6 power control register
RAM[6].POWERSET
0x964
RAM6 power control set register
RAM[6].POWERCLR
0x968
RAM6 power control clear register
RAM[7].POWER
0x970
RAM7 power control register
RAM[7].POWERSET
0x974
RAM7 power control set register
RAM[7].POWERCLR
0x978
RAM7 power control clear register
Table 15: Register Overview
5.3.9.1 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW POFWARN
Write '1' to Enable interrupt for POFWARN event
See EVENTS_POFWARN
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW SLEEPENTER
Write '1' to Enable interrupt for SLEEPENTER event
See EVENTS_SLEEPENTER
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW SLEEPEXIT
Write '1' to Enable interrupt for SLEEPEXIT event
See EVENTS_SLEEPEXIT
Set
1
Enable
Disabled
0
Read: Disabled
4430_161 v1.0
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com