Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 85 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 85 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 81Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 82Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 88Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 89Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 483 page
background image
Power and clock management
The crystal oscillator is designed for use with an AT-cut quartz crystal in parallel resonant mode. To achieve
correct oscillation frequency, the load capacitance must match the specification in the crystal data sheet.
Circuit diagram of the 64 MHz crystal oscillator on page 85 shows how the 32 MHz crystal is connected
to the 64 MHz crystal oscillator.
C1
C2
32 MHz
crystal
XC1
XC2
Figure 18: Circuit diagram of the 64 MHz crystal oscillator
The load capacitance (CL) is the total capacitance seen by the crystal across its terminals and is given by:
C1 and C2 are ceramic SMD capacitors connected between each crystal terminal and ground. For more
information, see Reference circuitry on page 468. Cpcb1 and Cpcb2 are stray capacitances on the PCB. Cpin
is the pin input capacitance on the
XC1 and XC2 pins. See table 64 MHz crystal oscillator (HFXO) on page
92. The load capacitors C1 and C2 should have the same value.
For reliable operation, the crystal load capacitance, shunt capacitance, equivalent series resistance, and
drive level must comply with the specifications in table 64 MHz crystal oscillator (HFXO) on page 92. It
is recommended to use a crystal with lower than maximum load capacitance and/or shunt capacitance. A
low load capacitance will reduce both start up time and current consumption.
5.4.2 LFCLK clock controller
The system supports several low frequency clock sources.
As illustrated in Clock control on page 84, the system supports the following low frequency clock
sources:
• 32.768 kHz RC oscillator (LFRC)
• 32.768 kHz crystal oscillator (LFXO)
• 32.768 kHz synthesized from HFCLK (LFSYNT)
The LFCLK clock is started by first selecting the preferred clock source in register LFCLKSRC on page 91
and then triggering the LFCLKSTART task. If the LFXO is selected as the clock source, the LFCLK will initially
start running from the 32.768 kHz LFRC while the LFXO is starting up and automatically switch to using the
LFXO once this oscillator is running. The LFCLKSTARTED event will be generated when the LFXO has been
started.
4430_161 v1.0
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com