Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 18 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 18 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 22Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 483 page
background image
Core components
ID
Base Address
Peripheral
Instance
Description
21
0x40015000
EGU
EGU1
Event generator unit 1
21
0x40015000
SWI
SWI1
Software interrupt 1
22
0x40016000
SWI
SWI2
Software interrupt 2
23
0x40017000
SWI
SWI3
Software interrupt 3
24
0x40018000
SWI
SWI4
Software interrupt 4
25
0x40019000
SWI
SWI5
Software interrupt 5
28
0x4001C000
PWM
PWM0
Pulse-width modulation unit 0
29
0x4001D000
PDM
PDM
Pulse-density modulation (digital microphone interface)
30
0x4001E000
NVMC
NVMC
Non-volatile memory controller
31
0x4001F000
PPI
PPI
Programmable peripheral interconnect
0
0x50000000
GPIO
P0
General purpose input and output
N/A
0x10000000
FICR
FICR
Factory information configuration
N/A
0x10001000
UICR
UICR
User information configuration
Table 4: Instantiation table
4.3 NVMC — Non-volatile memory controller
The non-volatile memory controller (NVMC) is used for writing and erasing of the internal flash memory
and the UICR (user information configuration registers).
The CONFIG register is used to enable the NVMC for writing (CONFIG.WEN) and erasing (CONFIG.EEN), see
CONFIG on page 19. The user must make sure that writing and erasing are not enabled at the same
time. Having both enabled at the same time may result in unpredictable behavior.
4.3.1 Writing to flash
When writing is enabled, full 32-bit words are written to word-aligned addresses in flash.
As illustrated in Memory on page 15, the flash is divided into multiple pages that in turn are divided
into multiple blocks. The same block in flash can only be written nWRITE number of times before an erase
must be performed using ERASEPAGE or ERASEALL. See the memory size and organization in Memory on
page 15 for block size.
The NVMC is only able to write
0 to bits in the flash that are erased (set to 1). It cannot rewrite a bit back
to
1. Only full 32-bit words can be written to flash using the NVMC interface. To write less than 32 bits,
write the data as a full 32-bit word and set all the bits that should remain unchanged in the word to
1.
Note that the restriction on the number of writes (nWRITE) still applies in this case.
Only word-aligned writes are allowed. Byte or half-word-aligned writes will result in a hard fault.
The time it takes to write a word to flash is specified by tWRITE. The CPU is halted if the CPU executes code
from the flash while the NVMC is writing to the flash.
4.3.2 Erasing a page in flash
When erase is enabled, the flash memory can be erased page by page using the ERASEPAGE register.
After erasing a flash page, all bits in the page are set to
1. The time it takes to erase a page is specified
by tERASEPAGE. The CPU is halted if the CPU executes code from the flash while the NVMC is writing to the
flash.
4.3.3 Writing to user information configuration registers (UICR)
User information configuration registers (UICR) are written in the same way as flash. After UICR has been
written, the new UICR configuration will take effect after a reset.
4430_161 v1.0
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com