Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 64 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 64 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 68Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 483 page
background image
Power and clock management
POFCON
MUX
Vpof
1.7V
2.8V
POFWARN
VBOR
Brownout reset
Power on reset
C
R
VDD
Figure 15: Power supply supervisor
5.3.4.1 Power-fail comparator
The power-fail comparator (POF) can provide the CPU with an early warning of impending power failure. It
will not reset the system, but give the CPU time to prepare for an orderly power-down.
The comparator features a hysteresis of VHYST, as illustrated in Power-fail comparator (BOR = Brownout
reset) on page 64. The threshold VPOF is set in register POFCON on page 69. If the POF is enabled
and the supply voltage falls below VPOF, the POFWARN event will be generated. This event will also be
generated if the supply voltage is already below VPOF at the time the POF is enabled, or if VPOF is re-
configured to a level above the supply voltage.
If power-fail warning is enabled and the supply voltage is below VPOF the power-fail comparator will
prevent the NVMC from performing write operations to the NVM. See NVMC — Non-volatile memory
controller on page 18 for more information about the NVMC.
VDD
t
VPOF
VPOF+VHYST
1.7V
BOR
Figure 16: Power-fail comparator (BOR = Brownout reset)
To save power, the power-fail comparator is not active in System OFF or in System ON when HFCLK is not
running.
4430_161 v1.0
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com