Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 95 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 95 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 91Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 94Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 95Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 96Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 97Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 98Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 99Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 483 page
background image
Peripherals
6.1.2 Peripherals with shared ID
In general, and with the exception of ID 0, peripherals sharing an ID and base address may not be used
simultaneously. The user can only enable one at the time on this specific ID.
When switching between two peripherals that share an ID, the user should do the following to prevent
unwanted behavior:
• Disable the previously used peripheral
• Remove any PPI connections set up for the peripheral that is being disabled
• Clear all bits in the INTEN register, i.e. INTENCLR = 0xFFFFFFFF.
• Explicitly configure the peripheral that you enable and do not rely on configuration values that may be
inherited from the peripheral that was disabled.
• Enable the now configured peripheral.
See Instantiation on page 17 to see which peripherals are sharing ID.
6.1.3 Peripheral registers
Most peripherals feature an ENABLE register. Unless otherwise specified in the relevant chapter, the
peripheral registers (in particular the PSEL registers) must be configured before enabling the peripheral.
Note that the peripheral must be enabled before tasks and events can be used.
6.1.4 Bit set and clear
Registers with multiple single-bit bit fields may implement the "set-and-clear" pattern. This pattern
enables firmware to set and clear individual bits in a register without having to perform a read-modify-
write operation on the main register.
This pattern is implemented using three consecutive addresses in the register map where the main
register is followed by a dedicated SET and CLR register in that order.
The SET register is used to set individual bits in the main register while the CLR register is used to clear
individual bits in the main register. Writing a '1' to a bit in the SET or CLR register will set or clear the same
bit in the main register respectively. Writing a '0' to a bit in the SET or CLR register has no effect. Reading
the SET or CLR registers returns the value of the main register.
Restriction: The main register may not be visible and hence not directly accessible in all cases.
6.1.5 Tasks
Tasks are used to trigger actions in a peripheral, for example, to start a particular behavior. A peripheral
can implement multiple tasks with each task having a separate register in that peripheral's task register
group.
A task is triggered when firmware writes a '1' to the task register or when the peripheral itself or another
peripheral toggles the corresponding task signal. See Tasks, events, shortcuts, and interrupts on page
94.
6.1.6 Events
Events are used to notify peripherals and the CPU about events that have happened, for example, a state
change in a peripheral. A peripheral may generate multiple events with each event having a separate
register in that peripheral’s event register group.
An event is generated when the peripheral itself toggles the corresponding event signal, and the event
register is updated to reflect that the event has been generated. See Tasks, events, shortcuts, and
interrupts on page 94. An event register is only cleared when firmware writes a '0' to it.
4430_161 v1.0
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com