Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 94 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 94 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 90Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 91Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 94Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 95Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 96Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 97Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 98Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 483 page
background image
6 Peripherals
6.1 Peripheral interface
Peripherals are controlled by the CPU by writing to configuration registers and task registers. Peripheral
events are indicated to the CPU by event registers and interrupts if they are configured for a given event.
Peripheral
core
TASK
OR
Task signal from PPI
write
task
event
EVENT m
IRQ signal to NVIC
INTEN
m
Peripheral
SHORTS
k
Event signal to PPI
Figure 21: Tasks, events, shortcuts, and interrupts
6.1.1 Peripheral ID
Every peripheral is assigned a fixed block of 0x1000 bytes of address space, which is equal to 1024 x 32 bit
registers.
See Instantiation on page 17 for more information about which peripherals are available and where they
are located in the address map.
There is a direct relationship between the peripheral ID and base address. For example, a peripheral with
base address 0x40000000 is assigned ID=0, a peripheral with base address 0x40001000 is assigned ID=1,
and a peripheral with base address 0x4001F000 is assigned ID=31.
Peripherals may share the same ID, which may impose one or more of the following limitations:
• Some peripherals share some registers or other common resources.
• Operation is mutually exclusive. Only one of the peripherals can be used at a time.
• Switching from one peripheral to another must follow a specific pattern (disable the first, then enable
the second peripheral).
4430_161 v1.0
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com