Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QCAA-R Datasheet(PDF) 58 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 58 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 62Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 483 page
background image
Power and clock management
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply voltage [V]
-40 ºC
25 ºC
85 ºC
Figure 10: Radio transmitting @ 0 dBm output power, 1 Mbps Bluetooth
low energy mode, Clock = HFXO, Regulator = DCDC (typical values)
5.2.1.3 Sleep
Symbol
Description
Min.
Typ.
Max.
Units
ION_RAMOFF_EVENT
System ON, No RAM retention, Wake on any event
0.6
µA
ION_RAMON_EVENT
System ON, Full 24 kB RAM retention, Wake on any event
0.8
µA
ION_RAMON_POF
System ON, Full 24 kB RAM retention, Wake on any event,
Power fail comparator enabled
0.8
µA
ION_RAMON_GPIOTE
System ON, Full 24 kB RAM retention, Wake on GPIOTE input
(Event mode)
3.3
µA
ION_RAMON_GPIOTEPORTSystem ON, Full 24 kB RAM retention, Wake on GPIOTE
PORT event
0.8
µA
ION_RAMON_RTC
System ON, Full 24 kB RAM retention, Wake on RTC (running
from LFRC clock)
1.5
µA
IOFF_RAMOFF_RESET
System OFF, No RAM retention, Wake on reset
0.3
µA
IOFF_RAMON_RESET
System OFF, Full 24 kB RAM retention, Wake on reset
0.5
µA
4430_161 v1.0
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com