Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
Hardware and layout
VDDIO
C18
2.2µF
OTPVDD
1
NC
2
NC
3
NC
4
NC
5
NC
6
TXRF1
7
PAVDD1
8
TXRF0
9
PAVDD0
10
SXLDO
11
PALDO
12
BUCKVBAT
25
BUCKOUT
26
BUCKVSS
27
BUCKVSS
28
BUCKVMID
29
BUCKEN
30
BUCKVBATS
31
PWRBUCKVDD
32
DIGVDD
33
PWRIOVDD
34
nRF7002
U1
nRF7002 QFAA
PWRIOVDD
PWRIOVDD
C9
2.2µF
C17
100nF
C10
1.0µF
VDD_BUCK
C4
0.47µF
TXRF1
VBAT
BUCK_EN
TXRF0
2.4G
1
GND
2
5G
3
GND
5
COM
6
GND
7
U2
Diplexer
SXLDO
VDD_BUCK
L1
3.3µH
PALDO
C12
100nF
C7
2.2µF
C8
10nF
C11
4.7µF
C14
0.47µF
C1
4.7µF
C2
4.7µF
VBAT
X1
40MHz
VDD_BUCK
VBAT
C3
0.22µF
C5
1.0µF
C6
4.7µF
C13
22nF
C15
2.2µF
C16
1.0µF
Figure 18: nRF7002 reference schematic
4486_184 v1.0
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com