Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 17 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 17 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 15Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 16Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 17Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 18Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 19Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 21Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
7 Quad Serial Peripheral Interface
The QSPI slave interface is compatible with the nRF52 and nRF53 Series QSPI master and SPI master.
The main features of the QSPI slave interface are:
• Single/quad SPI input/output
• Supports up to 32 MHz clock frequency
• Single and block mode read/write accesses
• On-the-fly encryption and decryption
7.1 QSPI commands
nRF7002 supports several QSPI commands.
Command
(byte)
RDSR (read
status register
0)
RDSR1 (read
status register
1)
RDSR2 (read
status register
2)
WRSR2 (write
status register
2)
CIPHER INIT
(Initialize
cipher)
FAST READ
(fast read
data)
READ4 (4
x I/O read
command)
PP (Page
program)
PP4 (Quad
page program)
1st byte
0x05
0x1F
0x2F
0x3F
0x4F
0x0B
0xEB
0x02
0x38
2nd byte
NONCE1
AD1
ADD (4) and
Dummy (4)
AD1
ADD (4)
3rd byte
NONCE2
AD2
Dummy (4)
AD2
4th byte
NONCE3
AD3
AD3
5th byte
NONCE4
Dummy
Action
To read out
the values of
status register
0
To read out
the values of
status register
1
To read out
the values of
status register
2
To write in
the values of
status register
2
To enable the
steam cipher
and initialize
the NONCE
register
n bytes read
out until SS
goes high
n bytes read
out by 4 x I/O
until SS goes
high
to program the
selected page
Quad input to
program the
selected page
Table 3: QSPI commands
For RDSR, RDSR1, RDSR2, FAST_READ, and READ4, the shifted-in instruction sequence is followed by a
data-out sequence. After any bit of data being shifted out, the SS can be high.
For CIPHER_INIT, PP, and PP4, the SS must go high exactly at the 4th byte (32 bits) boundary or the value
will not be stored.
For WRSR2, the SS must go high exactly at the 1st byte (8 bits) boundary or the value will not be stored.
The following figure shows the timing diagram for the RDSR command. The other commands that access
status registers have the same format but with a different 1st byte.
4486_184 v1.0
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com