Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 54 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 54 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 54Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 55Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
Pulse-Frequency Modulation (PFM)
A modulation method for representing an analog signal using only two levels (1 and 0).
Pulse-Width Modulation (PWM)
A method of reducing the average power delivered by an electrical signal, by effectively dividing it
into discrete parts.
Quad Serial Peripheral Interface (QSPI)
A SPI controller that allows the use of multiple data lines.
RC oscillator
A linear oscillator circuit that uses a combination of resistors and capacitors for its frequency
selective element.
Real-time Clock (RTC)
An electronic device that keeps accurate track of time.
Received Signal Strength Indication (RSSI)
An indication of the power of a received radio signal.
Serial Peripheral Interface (SPI)
Synchronous serial communication interface specification used for short-distance communication.
Service Set Identifier (SSID)
A unique identifier assigned to a wireless local area network.
Single-Input Single-Output (SISO)
The use of only one antenna both in the transmitter and receiver.
Software Enabled Access Point (SoftAP)
Software that enables a computer to become a wireless access point.
Station (STA)
A device that can use the IEEE 802.11 protocol.
System on Chip (SoC)
A microchip that integrates all the necessary electronic circuits and components of a computer or
other electronic systems on a single integrated circuit.
Target Wake Time (TWT)
A function that permits an access point to define a specific time or set of times for individual stations
to access the medium.
Vector Signal Analyzer (VSA)
A signal analyzer capable of analyzing digitally-modulated radio signals that may use any of a large
number of digital modulation formats.
4486_184 v1.0
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com