Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 44 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 44 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 48Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Hardware and layout
32 MHz
40 MHz
nRF5340
(Normal voltage mode)
VDDH
VDD
GPIO
(Q)SPI
GPIO
GPIO
GPIO
nRF7002
IOVDD
HOST_IRQ
COEX
BUCKEN
VBAT
BUCKVBAT
AFEVBAT
OTPVDD
PWRIOVDD
(Q)SPI
3.6 V
1.8 V (2.5 V)
1.8 V
Figure 20: Supply system - normal voltage mode
14.3.4 QSPI/SPI connections
The nRF7002 can be connected to the nRF5340 host either with a QSPI or a SPI. QSPI will normally be the
preferred option, but in cases where QSPI on the host is used for other purposes SPI can be used.
The following figure shows the connection using QSPI between nRF7002 and the host MCU (nRF5340).
32 MHz
40 MHz
nRF5340
SCK
GPIO
GPIO
GPIO
nRF7002
HOST_IRQ
COEX
BUCKEN
QSPI_CLK
QSPI_SS
QSPI_DATA0
QSPI_DATA1
QSPI_DATA2
QSPI_DATA3
CSN
IO0
IO1
IO2
IO3
Figure 21: QSPI connection
The following figure shows the connections when using SPI between nRF7002 and nRF5340.
4486_184 v1.0
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com