Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 11 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 11 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 9Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 13Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 14Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 15Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
5 Power and clock management
The power and clock management system in nRF7002 is optimized for ultra-low power applications to
ensure maximum power efficiency.
5.1 Power states
nRF7002 has three power states: Shutdown, Sleep, and Active.
Shutdown
A fully inactive state where no state information is retained except for the contents of the One Time
Programmable (OTP) memory. nRF7002 will only respond to a BUCKEN assertion (input to Power
Management Unit (PMU)).
The following conditions occur during Shutdown state:
• PMU: Off
• Analog circuits: All circuits off
• Baseband logic and scratch RAMs: Off
• Retention RAMs: Off
• SPI/QSPI: Off
Sleep
A low-power state where state information is retained and transitioning to Active state can occur rapidly.
The device may be in the sleep state during both pre-association (device idle waiting for host command)
and post-association period as part of the Wi-Fi Power Save mode (that is, maintain association with an
Access Point but without data traffic). In this state, the device is clocked through the internal 32 kHz RC
oscillator (Real-time Clock (RTC)), and can be awakened through the host interface or the internal sleep
timer expiry.
The following conditions occur during Sleep state:
• PMU: Low-power mode (Pulse-Frequency Modulation (PFM))
• Analog circuits: RTC active, register state retained. All other circuits are powered down.
• Baseband logic and scratch RAMs: Off
• Retention RAMs: Retained
• SPI/QSPI: On
Active
In the Active state, the device will be in one of the Active sub-states: Transmit, Receive, or Idle. The high
frequency crystal oscillator derived clocks are active and the appropriate RF section components are
enabled as required. The Idle sub-state is a short term transitory state used when Receive is not required,
but Sleep cannot be exploited (for example, upon early termination of an RX packet).
The following conditions occur during Active state:
• PMU: High-power mode (Pulse-Width Modulation (PWM))
• Analog circuits: All circuits powered (including crystal oscillator). The circuits are enabled according to
Active sub-state (TX, RX, or IDLE)
• Baseband logic and scratch RAMs: On
4486_184 v1.0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com