Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 50 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 50 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 53Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 54Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
Ordering information
<P>
Description
[0 . . 9]
Production device identifier (incremental)
[A . . Z]
Engineering device identifier (incremental)
Table 24: Production configuration codes
<F>
Description
[A . . N, P . . Z]
Version of preprogrammed firmware
[0]
Delivered without preprogrammed firmware
Table 25: Production version codes
<YY>
Description
[16 . . 99]
Production year: 2016 to 2099
Table 26: Year codes
<WW>
Description
[1 . . 52]
Week of production
Table 27: Week codes
<LL>
Description
[AA . . ZZ]
Wafer production lot identifier
Table 28: Lot codes
<CC>
Description
R7
7" Reel
R
13" Reel
Table 29: Container codes
15.5 Product options
The following tables define the nRF7002 product options.
4486_184 v1.0
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com