Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 28 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 28 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 32Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
10 FICR - Factory Information
Configuration Registers
The Factory Information Configuration Registers (FICR) are stored in the OTP memory.
FICR has two regions:
• A factory-programmed region that contains device information and has the INFO group registers.
• A customer-programmable region that contains empty registers for the customer to write data to. It
has the QSPI, MAC, and CALIB group registers.
Access to the customer-programmable region is controlled using the PROTECTION register.
The PROTECTION scenarios are:
• When PROTECTION is unprogrammed, neither read not write is enabled.
• When PROTECTION is programmed to 0x50FA50FA, full read and write access is enabled.
• When PROTECTION is programmed to 0x00000000, access protection is applied and readout of
QSPI.KEY is prevented.
The following table shows the access protection for the different register groups.
Register group
0xFFFFFFFF
0x50FA50FA
0x00000000
QSPI.KEY
-
R/W
-
MAC.ADDRESS
-
R/W
R
CALIB
-
R/W
R
Table 10: PROTECTION register settings for access control to customer programmable region
10.1 Registers
Register overview
Register
Offset
Description
INFO.PART
0x0C0
Part code
INFO.VARIANT
0x0C4
Part variant
INFO.UUID[n]
0x0D0
Universal Uniqe ID
REGION.PROTECT[n]
0x100
Region protection
QSPI.KEY[n]
0x110
QSPI link symmetric encryption key
MAC[n].ADDRESS0
0x120
MAC address for VIFn
MAC[n].ADDRESS1
0x124
MAC address for VIFn
CALIB.XO
0x130
XO adjustment
REGION_DEFAULTS
0x154
Customer region register usage indicator
10.1.1 INFO.PART
Address offset: 0x0C0
4486_184 v1.0
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com