Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 35 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 35 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Electrical specification
Symbol
Parameter
Min.
Nom.
Max.
Units
Note
ITX,1DSSS,2.4GHz
Transmit current (2.4 GHz, 1DSSS, max output
power)
252
mA
ITX,MSC0,2.4GHz
Transmit current (2.4 GHz, MSC0, max output
power)
187
mA
ITX,MCS7,2.4GHz
Transmit current (2.4 GHz, MCS7, max output
power)
191
mA
ITX,MCS0,5GHz
Transmit current (5 GHz, MCS0, max output power)
260
mA
ITX,MCS7,5GHz
Transmit current (5 GHz, MCS7, max output power)
260
mA
IRX,2.4GHz
Receive current listen (2.4 GHz)
60
mA
IRX,5GHz
Receive current listen (5 GHz)
56
mA
I2.4GHz,DTIM1
Average current consumption (2.4GHz,DTIM=1,
beacon duration 3.8 ms)
3.47
mA
I2.4GHz,DTIM3
Average current consumption (2.4GHz,DTIM=3,
beacon duration 3.8 ms)
1.12
mA
I2.4GHz,DTIM10
Average current consumption (2.4GHz,DTIM=10,
beacon duration 3.8 ms)
0.34
mA
I5GHz,DTIM1
Average current consumption (5GHz,DTIM=1,
beacon duration 0.7 ms)
1.70
mA
I5GHz,DTIM3
Average current consumption (5GHz,DTIM=3,
beacon duration 0.7 ms)
0.56
mA
I5GHz,DTIM10
Average current consumption (5GHz,DTIM=10,
beacon duration 0.7 ms)
0.19
mA
I2.4GHz,TWT,1 min Average current consumption (2.4GHz, TWT, target
wake interval 1 min)2
29.5
uA
I2.4GHz,TWT,1 hour Average current consumption (2.4GHz, TWT, target
wake interval 1 hour)2
18.4
uA
I2.4GHz,TWT,1 day
Average current consumption (2.4GHz, TWT, target
wake interval 1 day)2
18.2
uA
I5GHz,TWT,1 min
Average current consumption (5GHz, TWT, target
wake interval 1 min)2
28.9
uA
I5GHz,TWT,1 hour
Average current consumption (5GHz, TWT, target
wake interval 1 hour)2
18.2
uA
I5GHz,TWT,1 day
Average current consumption (5GHz, TWT, target
wake interval 1 day)2
18.0
uA
IOFF
Shutdown current
1.7
µA
ISLEEP
Sleep current (with RTC)
15
µA
Table 14: Current consumption
1Tolerance before calibration. See Clock accuracy considerations chapter.
2Min wake duration 8.192 ms, transmit packet duration 100 µs.
4486_184 v1.0
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com