Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF7002-QFAA-R7 Datasheet(PDF) 9 Page - Nordic Semiconductor

Part # NRF7002-QFAA-R7
Description  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R7 Datasheet(HTML) 9 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 9Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 10Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 11Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 12Page - Nordic Semiconductor NRF7002-QFAA-R7 Datasheet HTML 13Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
4 Host connection
nRF7002 is a wireless companion device that is connected to a host MCU or application processor. It is
connected to the host through a QSPI (6-wire) or SPI (4-wire) for data and a 3-wire or 4-wire coexistence
control interface for hosts that include a Bluetooth LE/IEEE 802.15.4 radio. In addition, two lines
(HOST_IRQ and BUCKEN) are required. The user application executes on the host MCU.
The following figure shows a system with nRF7002 and a host MCU.
nRF7002
Host MCU
Diplexer
QSPI/SPI interface
Coex interface
(if applicable)
ANT 5 GHz
ANT 2.4 GHz
HOST_IRQ
BUCKEN
Figure 2: Functional block diagram with generic host MCU
nRF7002 is designed to support radio coexistence and can be used together with another nRF Series
device. The following figure shows nRF7002 together with nRF5340 to achieve a combined Bluetooth LE
and Wi-Fi solution. nRF5340 functions as a host and common interface to the wireless system.
nRF7002
nRF5340
Diplexer
QSPI/SPI
interface
Coex
interface
ANT 5 GHz
ANT 2.4 GHz
HOST_IRQ
ANT
BUCKEN
Figure 3: Functional block diagram with nRF host and separate antennas
Using a separate antenna configuration enables simultaneous 2.4 GHz Wi-Fi and Bluetooth LE/IEEE
802.15.4 operation. For cost or area-sensitive applications that do not need simultaneous operation, a
single antenna configuration is also possible. This requires an antenna switch, which can be controlled
from the radio coexistence algorithm.
The following figure shows a single antenna configuration with nRF7002.
4486_184 v1.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com