Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 66Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 67Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 68Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 69Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 70Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 71Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 72Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 73Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
ADCS 7260755H
STMicroelectronics
70/94
ST40RA
8 Pin description
NOTMREQ
R3
EMI_BUS_REQ or
EMI_HOLD_ACK
when EMI slave
MPX bus request
-
I/O
NOTMACK
P3
EMI_BUS_GRANT
or EMI_HOLD_REQ
when EMI slave
MPX bus acknowledge
-
I/O
FCLKOUT
V10
FCLKOUT
Flash clock
-
O
NOTFBAA
N5
-
Flash bus address advance
-
O
NOTESCS0
L5
-
Reserved tri-state
MBXINT
P8
O
NOTESCS1
M5
-
Reserved tri-state
EMPIDREQ0
P8
O
NOTESCS2
M4
-
Reserved tri-state
EMPIDRAK0
P8
I
GND
H8:N
13
36 ball array for ground supply and heat dissipation
VDDCORE
M6
VDDCORE
VDDCORE
N6
VDDCORE
VDDCORE
P6
VDDCORE
VDDCORE
R6
VDDCORE
VDDCORE
R7
VDDCORE
VDDCORE
R8
VDDCORE
VDDCORE
R9
VDDCORE
VDDCORE
R10
VDDCORE
VDDCORE
R11
VDDCORE
VDDCORE
T11
VDDCORE
VDDCORE
R12
VDDCORE
VDDCORE
R13
VDDCORE
VDDCORE
R14
VDDCORE
VDDCORE
M15
VDDCORE
VDDCORE
N15
VDDCORE
VDDCORE
P15
VDDCORE
VDDCORE
R15
VDDCORE
VDDLMI
K5
VDDLMI
VDDLMI
F6
VDDLMI
VDDLMI
G6
VDDLMI
VDDIO
H6
VDDIO
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com