Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 30Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 31Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 32Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 33Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 34Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 35Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 36Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 37Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
ADCS 7260755H
STMicroelectronics
34/94
ST40RA
6 Clock generation
6.2
Recommended operating modes
6.3
Clocks and registers at start up
Mode for
CLOCKGENA and
CLOCKGENB
PLL
frequency
(MHz)
ST40RA clock domain frequencies (MHz)
PLLA
(mode)
PLLB
(mode)
PLLA
PLLB
CPU_
CLK
STBUS_
CLK
PER_
CLK
LMI_
CLK
EMI_SS_
CLK
PCI_SS_
CLK
Recommended reset configuration
0
-
200
-
100
50
25
50
50
50
Alternate reset configuration
1
-
266
-
133
88
44
88
88
88
2
-
300
-
150
100
50
100
100
100
3
-
332
-
166
111
66
111
111
111
Recommended operating modes
2
-
300
-
150
100
100
100
100
100
3
-
332
-
166
83
83
83
83
83
Low power configuration with clocks enabled (programmable after reset)
A6
bypass
-
27
-
13.5
6.75
6.75
6.75
6.75
6.75
Table 14: Supported operating frequencies
Reset
mode
Reset
mode
MODE[2:0]
CLOCKGENA
.PLL1CR1
reset value
CLOCKGENA
core
frequency
(PLL1)
fPLL/2
CLK1
CPU_
CLK
CLK2
STBUS_
CLK
CLK3
PER_
CLK
CLK4
LMI_
CLK
0
000
0x7939 8612
200 MHz
100
1
1/2
1/4
1/2
1
001
0x7939 B112
266 MHz
133
1
2/3
1/3
2/3
2
010
0x7938 6412
300 MHz
150
1
2/3
1/3
2/3
3
011
0x7938 7B14
332 MHz
166
1
2/3
1/3
2/3
4
100
0x7938 8612
400 MHz
200
1
1/2
1/4
1/2
5
101
0x7938 A712
500 MHz
250
1
1/2
1/4
1/2
6
110
0x0938 0000
0 MHz
0
1
1/2
1/2
1/2
7
111
0x0939 8612
200 MHz
100
1/2
1/4
1/4
1/4
Table 15: CLOCKGENA PLL1 reset values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com