Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 70Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 71Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 72Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 73Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 74Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 75Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 76Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 77Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
ADCS 7260755H
STMicroelectronics
74/94
ST40RA
8 Pin description
EMI system pins
EADDR[2:26]A
O
Z
I/O
ZZZE740
(Mode 0)
0
EDATA[0:31]
I/O
Z
I/O
Z
ECLKOUT, MCLKOUT,
FCLKOUT
O0
O
0
ECLKEN
O
Z
O
Z
1
EDQM[0:3]
O
Z
O
Z
1111
NOTECS[0:5]
O
1
I/O
Z
111111
NOTERAS, NOTECAS,
NOTEWE
I/O
1
I/O
Z
1
EWAIT
I/O
Z
I/O
Z
EPENDING
O
I
0 (MD7 = 0)
Z (MD7 = 1)
I/O
MD7
= 0
Z0
NOTMREQ
(EMI_HOLD_ACK when EMI
slave)
I-
I
Z
NOTMACK
(EMI_HOLD_REQ when EMI
slave)
OZ
OZ
1
NOTFBAA
OZ
OZ
1
NOTESCS[0:2]
O
Z
I/O
Z
a. The reset state of the EADDR bus is tri-state, the value given corresponds to a specific boot mode
and shows the expected ties.
Pin names
Architecturally defined
reset state
Implementation reset state during and after
reset
Dir
During reset
Dir
During reset
Following reset
Table 36: Pin reset states for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com