Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 52Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 53Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 54Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 55Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 56Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 57Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 58Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 59Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
ADCS 7260755H
STMicroelectronics
56/94
ST40RA
7 Electrical specifications
7.9
System CLKIN AC specifications
The timings referenced in
Figure 16 refer to the case where CLKIN is directly clocked from an
external source. In this case care should be taken that the total load on the CLOCKOSC output is
<2pF.
Symbol
Parameter
Min
Nom
Max
Units
Notes
tCLCH
CLKIN pulse width low
6
ns
tCHCL
CLKIN pulse width high
6
ns
tCLCL
CLKIN period
27
MHz
a
a. Measured between corresponding points on consecutive falling edges.
tCr
CLKIN rise time
10
ns
b, c
b. When driven by an external clock.
c. Clock transitions must be monotonic within the range VIH to VIL.
tCf
CLKIN fall time
10
ns
2, 3
Table 30: CLKIN timings
Figure 16: CLKIN timings
VDDCORE * 0.8
VDDCORE * 0.5
VDDCORE * 0.2
tCLCH
tCHCL
tCLCL
90%
10%
tCf
90%
10%
tCr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com