Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 46Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 47Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 48Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 49Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 50Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 51Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 52Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 53Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
ADCS 7260755H
STMicroelectronics
50/94
ST40RA
7 Electrical specifications
7.3
PCI interface AC specifications
Figure 10: PCI timings
Symbol
Parameter
Min
Max
Units
Note
tPCIHPCIH
PCI clock period
15
ns
a
a. Specified with 30 pF load
tPCIHAOV
PCLK high to all PCI output signals valid
1
10
ns
a, b
b. Need to use 4 ns of the PCI propagation delay
tPCIHAOZ
PCLK high to all PCI outputs tri-state
2
14
ns
a
tPCIHAON
PCLK high to all PCI outputs on
2
ns
a
tBIVPCIH
Bused input signals valid to PCLK high
3
ns
c
c. NOTPREQ[0:3] and NOTPGNT[0:3] are point to point signals and have different input setup times
to bussed signals. All other synchronous signals are bussed.
tPIVPCIH
Point-to-point input signals valid to PCLK high
5
ns
b
tPCIHAIX
All PCI input signals hold after PCLK high
2
ns
Table 25: PCI AC timings
Tri-state outputs
PCLK
Outputs
tPCIHAOV
tPCIHAON
tPCIHAOZ
Inputs: bussed
tPCIHAIX
tBIVPCIH
Inputs: point-to-point
tPIVPCIH
tPCIHPCIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com