Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 76Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 77Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 78Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 79Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 80Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 81Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 82Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 83Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
ADCS 7260755H
STMicroelectronics
80/94
ST40RA
A Interconnect architecture
A.1.5
LMI2 arbiter: (CPU, GPDMA, PCI, EMPI)
The default configuration (after reset) as to be to work fixed priority mode in the following priority
order:
q
PCI,
q
EMPI,
q
GPDMA,
q
CPU buffer (although the CPU requests are not supposed to go in that node to be send in the
LMI, it has to be managed in order to avoid deadlock).
The priority order have to be programmable and the latency checking algorithm can be enabled for
GPDMA, PCI, EMPI.
A.1.6
Return arbitration
The possibilities of the return arbitration are simpler than for the request arbitration. The arbiter is
not programmable but a specific arbitration can be chosen when implementing it.
The arbitration mode chosen is the fixed priority. For each arbiter (one per initiator), the order is the
following: LMI then other targets for the arbiters in node 1 and LMI, EMI, PCI, peripheral subsystem
for the arbiters of node 2.
A.2
Interconnect registers
A summary of registers is given in
Table 38. Addresses in the table are offset from the interconnect
base address at 0x1B05 0000.
Address
offset
Name
Function
0x010
LATENCY_LMI1_ENABLE
Enables or disables initiators latency counters, see
LMI1 arbiter on page 81
0x018
LMI1_CPU_PRI
Defines priority for the CPU in the LMI1 arbiter, see
LMI1 arbiter on page 81
0x020
LATENCY_LMI1_VALUE
Defines priority and latency value for the node 2 in the LMI1 arbiter, see
LMI1 arbiter on page 81
0x110
LATENCY_LMI2_ENABLE
Enables or disables initiators latency counters, see
LMI2 arbiter on page 82
0x118
LMI2_CPU_PRI
Defines priority for the CPU in the LMI2 arbiter, see
LMI2 arbiter on page 82
0x120
LMI2_LATENCY_PCI
Defines priority and latency value for PCI initiator in the PCI arbiter, see
LMI2 arbiter on page 82
0x128
LMI2_LATENCY_EMPI
Defines priority and latency value for EMPI initiator in the PCI arbiter, see
LMI2 arbiter on page 82
0x130
LMI2_LATENCY_GPDMA
Defines priority and latency value for GPDMA initiator in the PCI arbiter,
see
LMI2 arbiter on page 82
0x210
LATENCY_EMI_ENABLE
Enables or disables initiators latency counters, see
EMI arbiter on page 83
0x218
EMI_CPU_PRI
Defines priority for the CPU in the EMI arbiter, see
EMI arbiter on page 83
0x220
EMI_LATENCY_PCI
Defines priority and latency value for PCI initiator in the EMI arbiter, see
EMI arbiter on page 83
0x228
EMI_LATENCY_EMPI
Defines priority and latency value for EMPI initiator in the EMI arbiter, see
EMI arbiter on page 83
Table 38: Interconnect register summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com