Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 40Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 41Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 42Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 43Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 44Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 45Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 46Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 47Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
ADCS 7260755H
STMicroelectronics
44/94
ST40RA
7 Electrical specifications
7.1.2
Operating conditions
Symbol
Parameter
Min
Typical
Max
Units
Notes
VDDCORE
Core positive supply voltage
1.65
1.8
1.95
V
a
a. Either the I/O ring (VDDIO) or the core (VDDCORE) may be powered up first.
VDDIO
I/O positive supply voltage
3.0
3.3
3.6
V
a
VDDRTC
RTC positive supply voltage
1.65
1.8
1.95
V
VDDMM
VDD mismatch
0.3
V
b
b. VDDCORE - VDDRTC
LVREF
1.15
VDDLMI / 2
1.35
V
VDDLMI
3.0
2.3
3.3
2.5
3.6
2.7
V
V
c
d
c. When in SDRAM mode
d. When in DDR-SDRAM mode
VIH
LVTTL input logic 1 voltage
2.0
VDD + 0.6
V
VIH1
LVTTL input 1 logic voltage EMODE
pins
2.4
VDD + 0.6
V
VIL
LVTTL input login 0 voltage
-0.5
0.8
V
VIHs
SSTT_2 input login 1 voltage
LVREF + 0.18
VDDLMI + 0.3
V
VILs
SSTT_2 input login 0 voltage
-0.3
LVREF - 0.18
V
VOH
LVTTL output logic 1 voltage
2.4
V
e
e. For specified output loads see
Table 24.
VOL
LVTTL output logic 0 voltage
0.4
V
c
VOHs
SSTT_2 output logic 1 voltage
2.1
V
e
VOLs
SSTT_2 output logic 0 voltage
0.3
V
IIN
Input current (input pin)
+-10
uA
f
f.
0 <= VI <= VDD
IOZ
Offstate digital output current
+- 50
uA
f
IWP
Input weak pull-up or pull-down
current
20
60
110
uA
d
CIN
Input capacitance (input pins)
10
pF
CIO
Input capacitance (bidirectional
pins)
715
pF
Table 22: Operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com