Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 38Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 39Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 40Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 41Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 42Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 43Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 44Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 45Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
ADCS 7260755H
STMicroelectronics
42/94
ST40RA
6 Clock generation
6.6.6
CLOCKGENA.STBACKCR and CLOCKGENB.STBACKCR register
Table 19 defines the mapping of modules to bits in the STBREQ and STBACK registers.
CLOCKGENA.STBACKCR
CLOCKGENB.STBACKCR
Current module power status
0x0030
This register indicates the current module power status
[0:7]
ACK[0:7]
Power down status for module [n]
Indicates the current power down status of the
module [n]
Bit [n]: 0 Module [n] operating normally
Bit [n]: 1 Module [n] powered down
Reset state: 0
RO
[8:31]
Reserved
0: No action
1: Undefined
Reset state: Undefined
Bit number
CLOCKGENA
mapping
CLOCKGENB
mapping
0EMI
Reserved
1LMI
Reserved
2
DMAC
Reserved
3
PCI
Reserved
4PIO
Reserved
5
Reserved
Reserved
6
Reserved
PCI bus
7
Reserved
Reserved
Table 19: STBREQ and STBACK mapping for modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com