Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA166XH6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 56Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 57Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 58Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 59Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 60Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 61Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 62Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 63Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
ADCS 7260755H
STMicroelectronics
60/94
ST40RA
8 Pin description
MODE6
EADDR8
MD6
CLOCKGEN
Set enable CKIO
MODE7
EADDR9
MD7
EMISS
Enable MPX arbiter
MODE8
EADDR10
MD8
System
Set endianness
H: Little
L: Big
MODE9
EADDR11
MD9
EMI
Set EMI port
H: Master
L: Slave
b
MODE11:
10
EADDR12
EADDR13
MD11:10
EMI
Set booting ROM bus size
00: Reserved
01: 32-bit
10: 16-bit
11: 8-bit
MODE12
EADDR14
MD12
EMI
Enable NOP when accessing flash
c
MODE13
EADDR15
MD13
Reserved
Tie high
d
MODE14
EADDR16
MD14
PCI
PCI bridge mode
H: Host
L: Satellite
MODE15
EADDR17
MD15
PCI
Reserved: PCI select clock
H: External
L: Internal
e
MODE16
EADDR18
MD16
-
Reserved: Tie high
f
MODE17
EADDR19
MD17
-
MODE18
EADDR20
MD18
-
MODE19
EADDR21
MD19
-
a. See CLOCKGEN chapter of the
ST40 System Architecture Manual for details.
b. ST40RA is always the clock master, providing EMI clocks to the system.
c. See EMI chapter of the
ST40 System Architecture Manual for details.
d. reserved for enable retiming stage on EMI padlogic
e. PCI clock is selected externally on the board for ST40RA. The mode pin may be used for clock
selection in future variants.
f. These mode pins are not used in current variants, however, they may be used to enable additional
functionality in future variants
Mode
pin
Pin name
Architectur
e signal
name
Block
affected
Description
Notes
Table 34: Mode selection pins for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com