Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 115Page - STMicroelectronics ST72141K Datasheet HTML 116Page - STMicroelectronics ST72141K Datasheet HTML 117Page - STMicroelectronics ST72141K Datasheet HTML 118Page - STMicroelectronics ST72141K Datasheet HTML 119Page - STMicroelectronics ST72141K Datasheet HTML 120Page - STMicroelectronics ST72141K Datasheet HTML 121Page - STMicroelectronics ST72141K Datasheet HTML 122Page - STMicroelectronics ST72141K Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 132 page
background image
ST72141K
119/132
10.2 RECOMMENDED OPERATING CONDITIONS
10.3 DC ELECTRICAL CHARACTERISTICS
Recommended operating conditions with TA=-40 to +125
oC, V
DD-VSS=5V unless otherwise specified.
10.4 GENERAL TIMING CHARACTERISTICS
Notes:
1) Unless otherwise specified, typical data is based on TA=25°C and VDD-VSS=5V. This data is provided only as design
guidelines and is not tested.
2) Fixed frequencies required to obtain 4MHz for the motor control peripheral.
3) CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS, all peripherals switched
off; clock input (OSC2) driven by external square wave.
4) All I/O pins in input mode with a static value at VDD or VSS, all peripherals switched off; clock input (OSC2) driven by
external square wave.
5) All I/O pins in input mode with a static value at VDD or VSS.
6) Data based on characterization results, not tested in production.
7)
∆t
INST is the number of tCPU to finish the current instruction execution.
GENERAL
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VDD
Supply voltage
4.0
5.5
V
fOSC
Resonator oscillator frequency
8 or 16 2)
MHz
External clock source
TA
Ambient temperature range
1 Suffix Version
0
70
°C
6 Suffix Version
-40
85
3 Suffix Version
-40
125
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
IDD
Supply current in RUN mode 3)
fOSC = 8 MHz, fCPU = 4 MHz
fOSC = 16 MHz, fCPU = 8 MHz
5
7
8
12
mA
Supply current in SLOW mode 3)
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
0.7
1
1.1
1.7
Supply current in WAIT mode 4)
fOSC = 8MHz, fCPU = 4 MHz
fOSC = 16MHz, fCPU = 8 MHz
2
3.3
3
5
Supply current in SLOW WAIT mode 4)
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
0.65
0.8
1
1.4
Supply current in HALT mode 5)
ILOAD = 0mA (current on IOs)
200
µA
VRM
Data retention mode 6)
HALT mode
2
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tINST
Instruction time
2
12
tCPU
tIRT
Interrupt reaction time
tIRT = ∆tINST + 10
7)
10
22
tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com