Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 122Page - STMicroelectronics ST72141K Datasheet HTML 123Page - STMicroelectronics ST72141K Datasheet HTML 124Page - STMicroelectronics ST72141K Datasheet HTML 125Page - STMicroelectronics ST72141K Datasheet HTML 126Page - STMicroelectronics ST72141K Datasheet HTML 127Page - STMicroelectronics ST72141K Datasheet HTML 128Page - STMicroelectronics ST72141K Datasheet HTML 129Page - STMicroelectronics ST72141K Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 132 page
background image
ST72141K
126/132
MEMORY AND PERIPHERAL CHARACTERISTICS (Cont’d)
Notes:
1) Unless otherwise specified, typical data is based on TA=25°C and VDD-VSS=5V. This data is provided only for design
guidelines and is not tested.
2) Tested in production at TA=25°C, characterized over all temperature range.
3) ADC Accuracy vs. Negative Injection Current:
For IINJ-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is a loss of 1 LSB
by 10K
Ω increase of the external analog source impedance.
These measurement results and recommendations have been done under worst conditions for injection:
- negative injection
- injection to an Input with analog capability, adjacent to the enabled Analog Input
- at 5V VDD supply, and worst case temperature.
4) Data based on characterization results, not tested in production.
ADC Analog to Digital Converter (8-bit)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
|TUE|
Total unadjusted error 3)
TA=25°C,VDD=VDDA=5V,
2)
fCPU=8MHz
2
LSB
OE
Offset error 3)
-1
1
GE
Gain Error 3)
-2
2
|DLE|
Differential linearity error 3)
1
|ILE|
Integral linearity error 3)
2
VAIN
Conversion range voltage
VSSA
VDDA
V
IADC
A/D conversion supply current
fADC=fCPU=4MHz
VDD=VDDA=5V
1mA
tSTAB
Stabilization time after ADC enable
30
µs
tLOAD
Sample capacitor loading time
8
32
µs
1/fADC
tCONV
Hold conversion time
8
32
µs
1/fADC
RAIN
External input resistor
20 4)
k
Ω
RADC
Internal input resistor
18
k
Ω
CSAMPLE Sample capacitor
22
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com